Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download PWC1206LF-20R0-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division general note irc reserves the right to make changes in product specification without notice or liability . all information is subject to ircs own data and is considered accurate at time of going to print. a subsidiary of ttelectronics plc ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com pwc series issue july 2005 electr ical data pwc series ? higher power ratings ? improved working voltage ratings ? excellent pulse withstanding performance ? standard 100% tin wrap-around terminations ? standard chip sizes available from 0805 to 2512 pulse withstanding chip resistors environmental data characteristic 0805 1206 2010 2512 power @ 70c 125mw 330mw 750mw 1,500mw lev 150v 200v 400v 500v resistance range 1%, 5% 0.5% 1.0 ? to 10m ? 10 ? to 1m ? absolute tolerance 5%, 1%, 0.5% absolute tcr* 100ppm/c operating temperature -55c to +155c termination wrap-around 100% tin plated over leach resistant ni barrier t est maximum typical load at rated power ? r% 1.0 0.25 overload (6.25 x rated power for 5 seconds) ? r% 1.0 0.1 high temperature storage (1000 hours, 155c) ? r% 1.0 0.2 moisture resistance ? r% 1.0 0.25 thermal shock ? r% 0.25 0.05 resistance to solder heat ? r% 0.25 0.05
irc advanced film division pwc series issue july 2005 ? corpus christi texas 78411 usa ? irc advanced film division telephone: 361 992 7900 ? facsimile: 361 992 3377 ? email: afdsales@irctt.com ? website: www.irctt.com physical data pulse withstanding chip resistors l (mm) w (mm) t max (mm) a (mm) b min (mm) c (mm) weight (grams) 0805 2.00.3 1.250.2 0.6 0.30.15 0.9 0.30.1 0.009 1206 3.20.4 1.60.2 0.7 0.40.2 1.7 0.40.15 0.020 2010 5.10.3 2.50.2 0.8 0.60.3 3.0 n/a 0.036 2512 6.50.3 3.20.2 0.8 0.60.3 4.4 n/a 0.055 b a t w c l pre? x pwc - pwc 2512lf - 100r - f chip type pwc chip size and termination 0805lf = 0805 size with 100% tin (pb-free) termination 1206lf = 1206 size with 100% tin (pb-free) termination 2010lf = 2010 size with 100% tin (pb-free) termination 2512lf = 2512 size with 100% tin (pb-free) termination resistance value ( use iec62 code ) tolerance code j = 5%; f = 1%; d = 0.5% for additional information or to discuss your specific requirements, please contact our applications team using the contact details below. ordering data 25 70 155 100 50 10 % of rated p o we r t emperature in c p o w er der ating data


▲Up To Search▲   

 
Price & Availability of PWC1206LF-20R0-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X